Part Number Hot Search : 
06000 120EC PCA95 W981616 10181 LC508 AD9101 MAX16
Product Description
Full Text Search
 

To Download 5KP50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5KP5.0 THRU 5KP110A
TRANSZORBTM TRANSIENT VOLTAGE SUPPRESSOR
Stand-off Voltage - 5.0 to 110 Volts
Case Style P600
Peak Pulse Power - 5000 Watts
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Glass passivated junction 5000W peak pulse power capability with a 10/1000s waveform, repetition rate (duty cycle): 0.05% Excellent clamping capability Low incremental surge resistance Fast response time: typically less than 1.0ps from 0 Volts to V(BR) Devices with V(BR)>10V ID are typically ID less than 1.0A High temperature soldering guaranteed: 265C/10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
1.0 (25.4) MIN. 0.360 (9.1) 0.340 (8.6) 0.360 (9.1) 0.340 (8.6)
0.052 (1.32) 0.048 (1.22) DIA.
1.0 (25.4) MIN.
MECHANICAL DATA
Dimensions in inches and (millimeters)
Available in uni-directional only
Case: Molded plastic body over glass passivated junction Terminals: Solder plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: The color band denotes the cathode, which is postitive with respect to the anode under normal TVS operation Mounting Position: Any Weight: 0.07 ounce, 2.1 grams
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNITS
Peak pulse power dissipation with a 10/1000s waveform (NOTE 1, FIG. 1) Peak pulse current with a 10/1000s waveform (NOTE 1) Steady state power dissipation at TL=75C lead lengths 0.375" (9.5mm) (NOTE 2) Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) (NOTE 3) Instantaneous forward voltage at 100A, (NOTE 3) Operating junction and storage temperature range
PPPM IPPM PM(AV)
Minimum 5000
SEE TABLE 1
Watts Amps Watts
8.0
IFSM VF TJ, TSTG
400 3.5 -55 to +175
Amps Volts C
NOTES: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA=25C per Fig. 2 (2) Mounted on copper pad area of 0.8 x 0.8" (20 x 20mm) per Fig. 5 (3) Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum
1/21/99
ELECTRICAL CHARACTERISTICS at (TA=25C unless otherwise noted) TABLE 1
Breakdown Voltage V(BR) (Volts) (NOTE 1) Device Type MIN MAX Maximum Reverse Leakage at VWM ID (A) Maximum Peak Pulse Current IPPM
(NOTE 2)
Test Current at IT (mA)
Stand-off Voltage VWM (Volts)
(Amps)
Maximum Clamping Voltage at IPPM VC (Volts)
Maximum Temperature Coefficient of V(BR) (% / C)
5KP5.0 5KP5.0A 5KP6.0 5KP6.0A 5KP6.5 5KP6.5A 5KP7.0 5KP7.0A 5KP7.5 5KP7.5A 5KP8.0 5KP8.0A 5KP8.5 5KP8.5A 5KP9.0 5KP9.0A 5KP10 5KP10A 5KP11 5KP11A 5KP12 5KP12A 5KP13 5KP13A 5KP14 5KP14A 5KP15 5KP15A 5KP16 5KP16A 5KP17 5KP17A 5KP18 5KP18A 5KP20 5KP20A 5KP22 5KP22A 5KP24 5KP24A 5KP26 5KP26A 5KP28 5KP28A 5KP30 5KP30A
6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3
7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8
50 50 50 50 50 50 50 50 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0
2000 2000 5000 5000 2000 2000 1000 1000 250 250 150 150 50.0 50.0 20.0 20.0 15.0 15.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0
521 543 439 485 407 446 376 417 350 388 333 368 314 347 296 325 266 294 249 275 227 251 210 233 194 216 186 205 174 192 164 181 155 171 140 154 127 141 116 129 107 119 100 110 93.5 103
9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4
0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103
ELECTRICAL CHARACTERISTICS at (TA=25C unless otherwise noted) TABLE 1 (Cont'd)
Breakdown Voltage V(BR) (Volts) (NOTE 1) Device Type MIN MAX Maximum Reverse Leakage at VWM ID (A) Maximum Peak Pulse Current IPPM
(NOTE 2)
Test Current at IT (mA)
Stand-off Voltage VWM (Volts)
(Amps)
Maximum Clamping Voltage at IPPM VC (Volts)
Maximum Temperature Coefficient of V(BR) (% / C)
5KP33 5KP33A 5KP36 5KP36A 5KP40 5KP40A 5KP43 5KP43A 5KP45 5KP45A 5KP48 5KP48A 5KP51 5KP51A 5KP54 5KP54A 5KP58 5KP58A 5KP60 5KP60A 5KP64 5KP64A 5KP70 5KP70A 5KP75 5KP75A 5KP78 5KP78A 5KP85 5KP85A 5KP90 5KP90A 5KP100 5KP100A 5KP110 5KP110A
36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.1 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.6 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122
44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.2 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 96.9 78.6 95.1 86.0 102 92.1 106.0 95.8 115 104 122 111 136 123 149 135
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
33.0 33.0 36.0 36.0 40.0 40.0 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.0 64.0 64.0 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100 100 110 110
10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0
84.7 93.8 77.8 86.1 70.0 77.5 65.2 72.0 62.3 68.8 58.5 64.6 54.9 60.7 51.9 57.4 48.5 53.4 46.7 51.7 43.9 48.5 40.0 44.2 37.3 41.3 36.0 39.7 33.1 36.5 31.3 34.2 27.9 30.9 25.5 28.2
59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 94 107 97 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177
0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.112 0.112
NOTES: (1) V(BR) measured after IT applied for 300s IT=square wave pulse or equivalent (2) Surge current waveform per Fig. 3 and derate per Fig. 2 (3) All items and symbols are consistent with ANSI/IEEE C62.35
APPLICATION
The 5KP series of high power transient voltage suppressors were designed to be used on the output of switching power supplies. These devices may be used to replace crowbar circuits. Both the 5 and 10 percent voltage tolerances are referenced to the power supply output voltage level. They are able to withstand high levels of peak current while allowing a circuit breaker to trip or a fuse blow before shorting. This will enable the user to reset the breaker or replace the fuse and continue operation. For this type operation, it is recommended that a sufficient mounting surface be used for dissipating the heat generated by the Transient Voltage Suppressor during the transient or over-voltage condition. Transient Voltage Suppressors are Silicon PN Junction devices designed for absorption of high voltage transients associated with power disturbances, switching and induced lighting effects. This series is available from 5.0 volts thru 110 volts.
RATINGS AND CHARACTERISTIC CURVES 5KP5.0 THRU 5KP110A
FIG. 2 - PULSE DERATING CURVE PEAK PULSE POWER (PPP) or CURRENT (IPP) DERATING IN PERCENTAGE, %
FIG. 1 - PEAK PULSE POWER RATING CURVE
100
PPPM, PEAK PULSE POWER, kW
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG. 3 TA = 25C
100
75
10
50
1.0
25
0.1 0.1s
1.0s
10s
100s
1.0ms
10ms
0
td, PULSE WIDTH, sec. FIG. 3 - PULSE WAVEFORM
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE, C FIG. 4 - TYPICAL JUNCTION CAPACITANCE
150
IPPM, PEAK PULSE CURRENT, %
tr=10sec. PEAK VALUE IPPM PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPP
100,000
TJ=25C f=1 MHz Vsig=50mVp-p
CJ, JUNCTION CAPACITANCE, pF
100
HALF VALUE - IPP 2 10/1000sec. WAVEFORM as DEFINED BY R.E.A.
MEASURED at ZERO BIAS
10,000
50
MEASURED at STAND-OFF VOLTAGE, VWM
1,000
td
0
0
1.0
2.0
t, TIME, ms
3.0
4.0
100
FIG. 5 - STEADY STATE POWER DERATING CURVE PM(AV), STEADY STATE POWER DISSIPATION, WATTS
1
10
100 200
8
60 HZ RESISTIVE OR INDUCTIVE LOAD
V(BR), BREAKDOWN VOLTAGE, VOLTS
6
IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
400
FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
4
L
= 0.375" (9.5mm) lead lengths
350
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
300 250
2
0.8 x 0.8 x 0.040" (20 x 20mm) COPPER HEAT SINK
200 150
0
0
25
50
75
100
125
150
175
200
TL, LEAD TEMPERATURE,C
100
1
10
100
NUMBER OF CYCLES AT 60 HZ
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 5KP50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X